|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SZ403G - SZ40D0 VZ : 3.6 - 200 Volts PD : 2 Watts FEATURES : * Complete Voltage Range 3.6 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free SURFACE MOUNT SILICON ZENER DIODES SMA (DO-214AC) 1.1 0.3 5.0 0.15 4.5 0.15 1.2 0.2 2.6 0.15 2.1 0.2 0.2 0.07 MECHANICAL DATA * Case : SMA (DO-214AC) Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead formed for Surface mount * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.064 grams 2.0 0.2 Dimensions in millimeter MAXIMUM RATINGS Rating at 25 C ambient temperature unless otherwise specified Rating DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 200 mA Junction Temperature Range Storage Temperature Range Symbol PD VF TJ Ts Value 2.0 1.2 - 55 to + 150 - 55 to + 150 Unit W V C C Note : (1) TL = Lead temperature at 5.0 mm2 ( 0.013 mm thick ) copper land areas. Fig. 1 POWER TEMPERATURE DERATING CURVE PD, MAXIMUM DISSIPATION (WATTS) 2.5 2.0 1.5 1.0 0.5 0 5.0 mm2 ( 0.013 mm thick ) copper land areas. 25 50 75 100 125 150 175 TL, LEAD TEMPERATURE (C) Page 1 of 2 Rev. 02 : March 25, 2005 ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified TYPE Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 140 150 160 170 180 190 200 139 128 116 106 98.0 89.5 80.5 73.5 66.5 61.0 55.0 50.0 45.5 41.5 38.5 35.7 33.4 31.2 29.4 27.8 26.3 25.0 22.8 20.8 18.5 16.6 15.1 13.9 12.8 11.6 10.6 9.8 9.0 8.1 7.4 6.7 6.1 5.5 5.0 4.5 4.2 3.8 3.6 3.3 3.1 2.9 2.8 2.6 2.5 Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () () 5.0 5.0 4.5 4.5 3.5 2.5 1.5 2.0 2.0 2.3 2.5 3.5 4.0 4.5 5.0 5.5 7.0 8.0 9.0 10 11 11 12 13 18 20 23 25 30 35 40 48 55 60 75 90 100 125 175 250 325 400 500 575 650 675 725 825 900 400 400 400 550 600 500 700 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 5500 6000 6500 7000 7000 8000 8000 IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Maximum Reverse Leakage Current IR @ VR (V) (A) 80 50 50 50 50 50 50 50 50 50 50 50 50 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 10.6 11.4 12.2 13.0 13.7 14.4 15.2 16.7 18.2 20.6 22.5 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 106.4 114.0 121.6 130.4 136.8 144.8 152.0 Maximum DC Zener Current IZM (mA) 504 468 434 386 356 324 292 266 242 220 200 182 166 152 138 130 122 114 107 100 95 90 82 76 68 60 55 50 47 43 39 36 32 29 27 24 22 20 18 17 15 14 13 12 11 11 10 10 9.0 SZ403G SZ403J SZ404D SZ404H SZ405B SZ405G SZ406C SZ406I SZ407F SZ408C SZ409B SZ4010 SZ4011 SZ4012 SZ4013 SZ4014 SZ4015 SZ4016 SZ4017 SZ4018 SZ4019 SZ4020 SZ4022 SZ4024 SZ4027 SZ4030 SZ4033 SZ4036 SZ4039 SZ4043 SZ4047 SZ4051 SZ4056 SZ4062 SZ4068 SZ4075 SZ4082 SZ4091 SZ40B0 SZ40B1 SZ40B2 SZ40B3 SZ40B4 SZ40B5 SZ40B6 SZ40B7 SZ40B8 SZ40B9 SZ40D0 Note : ( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of 10%, altered the fourth number of type from " 0 " for 10% tolerance to be " 5 " for 5% tolerance. ( 2 ) " SZ " will be omitted in marking on the diode. Page 2 of 2 Rev. 02 : March 25, 2005 |
Price & Availability of SZ4011 |